| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3700XT bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3700XT bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 89 page ![]() 51/89 ADE3700 Timing Controller (TCON) TCON_SRTD_26 0x0B6A R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_27 0x0B6B R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_28 0x0B6C R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_29 0x0B6D R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_30 0x0B6E R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_31 0x0B6F R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_X_0 0x0B80 [7:6] Reserved R/W [5:0] 0x0 input selection for SRTD_0.A TCON_X_1 0x0B81 R/W [7:0] 0x0 input selection for SRTD_0.B (Refer to Table 18 for definition) TCON_X_2 0x0B82 R/W [7:0] 0x0 input selection for SRTD_1.A (Refer to Table 18 for definition) TCON_X_3 0x0B83 R/W [7:0] 0x0 input selection for SRTD_1.B (Refer to Table 18 for definition) TCON_X_4 0x0B84 R/W [7:0] 0x0 input selection for SRTD_2.A (Refer to Table 18 for definition) TCON_X_5 0x0B85 R/W [7:0] 0x0 input selection for SRTD_2.B (Refer to Table 18 for definition) TCON_X_6 0x0B86 R/W [7:0] 0x0 input selection for SRTD_3.A (Refer to Table 18 for definition) TCON_X_7 0x0B87 R/W [7:0] 0x0 input selection for SRTD_3.B (Refer to Table 18 for definition) TCON_X_8 0x0B88 R/W [7:0] 0x0 input selection for SRTD_4.A (Refer to Table 18 for definition) TCON_X_9 0x0B89 R/W [7:0] 0x0 input selection for SRTD_4.B (Refer to Table 18 for definition) TCON_X_10 0x0B8A R/W [7:0] 0x0 input selection for SRTD_5.A (Refer to Table 18 for definition) TCON_X_11 0x0B8B R/W [7:0] 0x0 input selection for SRTD_5.B (Refer to Table 18 for definition) TCON_X_12 0x0B8C R/W [7:0] 0x0 input selection for SRTD_6.A (Refer to Table 18 for definition) TCON_X_13 0x0B8D R/W [7:0] 0x0 input selection for SRTD_6.B (Refer to Table 18 for definition) TCON_X_14 0x0B8E R/W [7:0] 0x0 input selection for SRTD_7.A (Refer to Table 18 for definition) TCON_X_15 0x0B8F R/W [7:0] 0x0 input selection for SRTD_7.B (Refer to Table 18 for definition) TCON_X_16 0x0B90 R/W [7:0] 0x0 input selection for SRTD_8.A (Refer to Table 18 for definition) TCON_X_17 0x0B91 R/W [7:0] 0x0 input selection for SRTD_8.B (Refer to Table 18 for definition) Table 17: TCON Registers (Sheet 4 of 7) Register Name Addr. Mode Bits Default Description |