| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS26LS32ACM/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DS26LS32ACM/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 13 page ![]() DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M SNLS352C – MAY 1999 – REVISED FEBRUARY 2013 www.ti.com Connection Diagram For Complete Military Product Specifications, refer to the appropriate SMD or MDS. Figure 1. Dual-In-Line Package (Top View) D Package or NFG0016E Package Figure 2. 20-Lead Ceramic Leadless Chip Carrier Truth Table (1) ENABLE ENABLE Input Output 0 1 X Hi-Z See note below.(2) VID ≥ VTH (Max) 1 VID ≤ VTH (Min) 0 (1) Hi-Z = TRI-STATE (2) Note: Input conditions may be any combination not defined for ENABLE and ENABLE . 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: DS26LS32AC DS26LS32C DS26LS32M DS26LS33M |