| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BQ3285ESS bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BQ3285ESS bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 36 page ![]() 11 Absolute Maximum Ratings—bq3285E Symbol Parameter Value Unit Conditions VCC DC voltage applied on VCC relative to VSS -0.3 to 7.0 V VT DC voltage applied on any pin excluding VCC relative to VSS -0.3 to 7.0 V VT ≤ VCC + 0.3 TOPR Operating temperature 0 to +70 °C Commercial TSTG Storage temperature -55 to +125 °C TBIAS Temperature under bias -40 to +85 °C TSOLDER Soldering temperature 260 °C For 10 seconds Note: Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera- tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo- sure to conditions beyond the operational limits for extended periods of time may affect device reliability. Absolute Maximum Ratings—bq3285L Symbol Parameter Value Unit Conditions VCC DC voltage applied on VCC relative to VSS -0.3 to 6.0 V VT DC voltage applied on any pin excluding VCC relative to VSS -0.3 to 6.0 V VT ≤ VCC + 0.3 TOPR Operating temperature 0 to +70 °C Commercial TSTG Storage temperature -55 to +125 °C TBIAS Temperature under bias -40 to +85 °C TSOLDER Soldering temperature 260 °C For 10 seconds Note: Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera- tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo- sure to conditions beyond the operational limits for extended periods of time may affect device reliability. bq3285E/L |