công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9864BCPZ bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD9864BCPZ
Giải thích chi tiết về linh kiện  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 3Page - Analog Devices AD9864BCPZ Datasheet HTML 4Page - Analog Devices AD9864BCPZ Datasheet HTML 5Page - Analog Devices AD9864BCPZ Datasheet HTML 6Page - Analog Devices AD9864BCPZ Datasheet HTML 7Page - Analog Devices AD9864BCPZ Datasheet HTML 8Page - Analog Devices AD9864BCPZ Datasheet HTML 9Page - Analog Devices AD9864BCPZ Datasheet HTML 10Page - Analog Devices AD9864BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9864
ABSOLUTE MAXIMUM RATINGS
Table 3. AD9864 Absolute Maximum Ratings
Parameter
With Respect to
Min
Max
Unit
VDDF, VDDA, VDDC,
VDDD, VDDH, VDDL, VDDI
GNDF, GNDA, GNDC, GNDD,
GNDH, GNDL, GNDI, GNDS
–0.3
+4.0
V
VDDF, VDDA, VDDC,
VDDD, VDDH, VDDL, VDDI
VDDR, VDDA, VDDC,
VDDD, VDDH, VDDL, VDDI
–4.0
+4.0
V
VDDP, VDDQ
GNDP, GNDQ
–0.3
+6.0
V
GNDF, GNDA, GNDC, GNDD,
GNDH, GNDL, GNDI, GNDQ, GNDP, GNDS
GNDF, GNDA, GNDC, GNDD,
GNDH, GNDL, GNDI, GNDQ, GNDP, GNDS
–0.3
+0.3
V
MXOP, MXON, LOP,
LON, IFIN, CXIF, CXVL, CXVM
GNDH
–0.3
VDDI + 0.3
V
PC, PD, PE, CLKOUT,
DOUTA, DOUTB, FS, SYNCB
GNDH
–0.3
VDDH + 0.3
V
IF2N, IF2P, GCP, GCN
GNDF
–0.3
VDDF + 0.3
V
VFEFP, VREGN, RREF
GNDA
–0.3
VDDA + 0.3
V
IOUTC
GNDQ
–0.3
VDDQ + 0.3
V
IOUTL
GNDP
–0.3
VDDP + 0.3
V
CLKP, CLKN
GNDC
–0.3
VDDC + 0.3
V
FREF
GNDL
–0.3
VDDL + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
300
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions, i.e., θJA is specified for device soldered in circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θ
JA
Unit
48-Lead LFCSP
29.5
°C/W
Rev. 0 | Page 7 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com