| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83910AV/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83910AV/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 14 page ![]() TLF9365 May 1995 DP83910A CMOS SNI Serial Network Interface General Description The DP83910A CMOS Serial Network Interface (SNI) is a direct-pin equivalent of the bipolar DP8391 SNI and pro- vides the Manchester data encoding and decoding func- tions for IEEE 8023 EthernetThin-Ethernet type local area networks The SNI interfaces the DP8390 Network Interface Controller (NIC) to the DP8392 CTI or an Ethernet transceiv- er cable When transmitting the SNI converts non-return-to- zero (NRZ) data from the controller into Manchester data and sends the converted data differentially to the transceiv- er Conversely when receiving a Phase Lock Loop de- codes the 10 Mbits data from the transceiver into NRZ data for the controller The DP83910A operates in conjunction with the DP8392 Coaxial Transceiver Interface (CTI) and the DP8390 Net- work Interface Controller (NIC) to form a three-chip set that implements a complete IEEE 8023 compatible network as shown below The DP83910A is a functionally complete Manchester encoderdecoder including a balanced driver and receiver on-board crystal oscillator collision signal translator and a diagnostic loopback feature The DP83910A fabricated CMOS typically consumes less than 70 mA of current However as a result of being CMOS the DP83910A’s differential signals must be isolated in both Ethernet and thin wire Ethernet Features Y Compatible with Ethernet I IEEE 8023 10BASE5 10BASE2 and 10BASE-T Y Designed to interface with 10BASE-T transceivers Y Functional and pin-out duplicate of the DP8391 Y 10 Mbitss Manchester encodingdecoding with receive clock recovery Y Requires no precision components Y Loopback capability for diagnostics Y Externally selectable half or full step modes of opera- tion at transmit output Y Squelch circuitry at the receive and collision inputs to reject noise Y TTLMOS compatible controller interface 10 System Diagram IEEE 8023 Compatible EthernetThin-Ethernet10 BaseT Local Area Network Chip Set TLF9365 – 1 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |