| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP8573AVX/NOPB bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP8573AVX/NOPB bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 18 page ![]() Connection Diagrams Dual-In-Line TLF9981 – 5 Top View Order Number DP8573AN See NS Package Number N24C Plastic Chip Carrier TLF9981 – 6 Top View Order Number DP8573AV See NS Package Number V28A Functional Description The DP8573A contains a fast access real time clock inter- rupt control logic and power fail detect logic All functions of the RTC are controlled by a set of seven registers A simpli- fied block diagram that shows the major functional blocks is given in Figure 1 The blocks are described in the following sections 1 Real Time Clock 2 Oscillator Prescaler 3 Interrupt Logic 4 Power Failure Logic 5 Additional Supply Management The memory map of the RTC is shown in the memory ad- dressing table (Figure 2) A control bit in the Main Status Register is used to select either control register block INITIAL POWER-ON of BOTH VBB and VCC VBB and VCC may be applied in any sequence In order for the power fail circuitry to function correctly whenever power is off the VCC pin must see a path to ground through a maximum of 1 MX The user should be aware that the con- trol registers will contain random data The user should en- sure that the RTC is not in test mode (see register descrip- tions) REAL TIME CLOCK FUNCTIONAL DESCRIPTION As shown in Figure 2 the clock has 8 bytes of counters which count from 1100 of a second to years Each counter counts in BCD and is synchronously clocked The count se- quence of the individual byte counters within the clock is shown later in Table VII Note that the day of week day of month and month counters all roll over to 1 The hours counter in 12 hour mode rolls over to 1 and the AMPM bit toggles when the hours rolls over to 12 (AM e 0 PM e 1) The AMPM bit is bit D7 in the hours counter All other counters roll over to 0 Upon initial application of power the counters will contain random information TLF9981 – 7 FIGURE 2 DP8573A Internal Memory Map 5 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |