| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSD15380F3 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CSD15380F3 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 14 page ![]() C 0.35 2X 0.16 0.14 2X 0.26 0.24 0.35 MAX 0.225 0.16 0.14 0.51 0.49 0.175 0.4 A 0.73 0.65 B 0.64 0.56 PIN 1 INDEX AREA SEATING PLANE 1 2 0.015 C B A 0.015 C A B 3 8 CSD15380F3 SLPS579 – MAY 2016 www.ti.com Product Folder Links: CSD15380F3 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 7 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. 7.1 Mechanical Dimensions (1) All linear dimensions are in millimeters (dimensions and tolerancing per AME T14.5M-1994). (2) This drawing is subject to change without notice. (3) This package is a PB-free solder land design. Pin Configuration Position Designation Pin 1 Gate Pin 2 Source Pin 3 Drain |