công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COP8CCR9IMT8/NOPB bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện COP8CCR9IMT8/NOPB
Giải thích chi tiết về linh kiện  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT8/NOPB bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button COP8CCR9IMT8/NOPB Datasheet HTML 17Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 18Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 19Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 20Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 21Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 22Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 23Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 24Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Figure 4-4. I/O Port Configurations—Input Mode
4.1
EMULATION CONNECTION
Connection to the emulation system is made via a 2 x 7 connector which interrupts the continuity of the
RESET, G0, G1, G2 and G3 signals between the COP8 device and the rest of the target system (as
shown in Figure 4-5). This connector can be designed into the production pc board and can be replaced
by jumpers or signal traces when emulation is no longer necessary. The emulator will replicate all
functions of G0 - G3 and RESET. For proper operation, no connection should be made on the device side
of the emulator connector.
Figure 4-5. Emulation Connection
Copyright © 2000–2013, Texas Instruments Incorporated
Pin Descriptions
21
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More