| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1981AJST bảng dữ liệu(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1981AJST bảng dữ liệu(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() REV. 0 AD1981A –22– Vendor ID Registers (Index 7Eh) Reg Num Name D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Default 7Eh Vendor ID2 T7 T6 T5 T4 T3 T2 T1 T0 REV7 REV6 REV5 REV4 REV3 REV2 REV1 REV0 5372h T[7:0] This register is ASCII encoded to ‘S’ REV[7:0] Vendor-specific revision number: The AD1981A assigns 71h to this field. Table II. Codec ID and External Clock Selection ID1 IDO CODEC ID CODEC CLOCKING SOURCE 1 1 (00) PRIMARY 24.576 MHz (Local Xtal or External into XTL_IN) 1 0 (01) SECONDARY 12.288 MHz (External into Bit_Clk) 0 1 (00) PRIMARY 48.000 MHz (External into XTL_IN) 0 0 (00) PRIMARY 14.31818 MHz (External into XTL_IN) Note that the ID# Pins have weak internal pull-ups and are inverted internally. |