công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83846 bảng dữ liệu(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83846
Giải thích chi tiết về linh kiện  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 bảng dữ liệu(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 49Page - National Semiconductor (TI) DP83846 Datasheet HTML 50Page - National Semiconductor (TI) DP83846 Datasheet HTML 51Page - National Semiconductor (TI) DP83846 Datasheet HTML 52Page - National Semiconductor (TI) DP83846 Datasheet HTML 53Page - National Semiconductor (TI) DP83846 Datasheet HTML 54Page - National Semiconductor (TI) DP83846 Datasheet HTML 55Page - National Semiconductor (TI) DP83846 Datasheet HTML 56Page - National Semiconductor (TI) DP83846 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
53
www.national.com
6.5.5 10BASE-T Receive Timing (Start of Packet)
Note: 10BASE-T receive Data Latency is measured from first bit of preamble on the wire to the assertion of RX_DV.
6.5.6 10BASE-T Receive Timing (End of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T5.5.1
Carrier Sense Turn On Delay
(TPRD
± to CRS)
1
µs
T5.5.2
Decoder Acquisition Time
3.6
µs
T5.5.3
Receive Data Latency
17.3
bit times
T5.5.4
SFD Propagation Delay
10
bit times
Parameter
Description
Notes
Min
Typ
Max
Units
T5.6.1
Carrier Sense Turn Off Delay
1.1
µs
1
0
1
TPRD
±
CRS
RX_CLK
RXD[0]
1st SFD bit decoded
RX_DV
T5.5.1
T5.5.2
T5.5.3
T5.5.4
1
0
1
TPRD
±
RX_CLK
CRS
IDLE
T5.6.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59