| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83256 bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83256 bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 146 page ![]() 30 Functional Description (Continued) TABLE 3-5 Noise Event Description Noise Event e SD ECD a SD CD PI E(II a JK a AB) a SD CD EPI (PB e II) AB Where e Logical AND ae Logical OR E e Logical NOT SD e Signal Detect CD e Clock Detect PB e Previous Byte PLS e Previous Line State PI e PHY Invalid e HLS a QLS a MLS a NLS a ULS PLS e (ALS a ILS) ILS e Idle Line State ALS e Active Line State ULS e Unknown Line State HLS e Halt Line State QLS e Quiet Line State MLS e Master Line State NLS e Noise Line State ULS e Unknown Line State I e Idle symbol J e First symbol of start delimiter K e Second symbol of start delimiter R e Reset symbol S e Set symbol T e End Delimiter A e n a R a S a T B e n a R a S a T a I n e any data symbol LINK ERROR MONITOR Link Error Monitoring is accomplished in the PLAYERa de- vice through the Link Error Monitor Counter The initial value of this down counter is set using the Link Error Threshold Register (LETR) A snapshot of the counter can be taken with the Current Link Error Count Register (CLECR) A Link Error is defined as follows TABLE 3-6 Link Error Event Description Link Error ALS (IEI a xV a Vx a HEH) a ALS ESD a ILS E(II a JK) a Event e ILS ESD) a ULS (PLSeALS) Link Error Flag ESB E(HH a HI a II a JK) Set Link Error Flag e ALS (HH a NH a RH a SH a TH) Clear Link Error Flag e ALS JK a ILS JK a ULS (PLSeALS Link Error Flag ESB E(HH a HI a II a JK) Where E e Logical NOT ae Logical OR e Logical AND ILS e Idle Line State ALS e Active Line State ULS e Unknown Line State x e Any symbol I e Idle symbol H e Halt symbol J e First symbol of start delimiter K e Second symbol of start delimiter V e Violation symbol R e Reset symbol S e Set symbol T e End delimiter symbol N e Data symbol converted to 0000 by the PLAYERa device Receiver Block in symbol pairs that contain a data and a control symbol PLS e Previous Line State SD e Signal Detect SB e Stuff Byte Byte inserted by EB before a JK symbol pair for recentering or due to off-axis JK 26 |