công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710FQL bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện DLP4710FQL
Giải thích chi tiết về linh kiện  0.47 1080p DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710FQL bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button DLP4710FQL Datasheet HTML 20Page - Texas Instruments DLP4710FQL Datasheet HTML 21Page - Texas Instruments DLP4710FQL Datasheet HTML 22Page - Texas Instruments DLP4710FQL Datasheet HTML 23Page - Texas Instruments DLP4710FQL Datasheet HTML 24Page - Texas Instruments DLP4710FQL Datasheet HTML 25Page - Texas Instruments DLP4710FQL Datasheet HTML 26Page - Texas Instruments DLP4710FQL Datasheet HTML 27Page - Texas Instruments DLP4710FQL Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
DLP4710
DLPS056B – NOVEMBER 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Micromirror Array Temperature Calculation (continued)
•
SL = Measured ANSI screen lumens (lm)
(3)
Electrical power dissipation of the DMD is variable and depends on the voltages, data rates and operating
frequencies. A nominal electrical power dissipation to use when calculating array temperature is 0.25W.
Absorbed optical power from the illumination source is variable and depends on the operating state of the
micromirrors and the intensity of the light source. Equations shown above are valid for a 1-chip DMD system with
total projection efficiency through the projection lens from DMD to the screen of 87%.
The conversion constant CL2W is based on the DMD micromirror array characteristics. It assumes a spectral
efficiency of 300 lm/W for the projected light and illumination distribution of 83.7% on the DMD active array, and
16.3% on the DMD array border and window aperture. The conversion constant is calculated to be 0.00266
W/lm.
Sample Calculation for typical projection application:
1. TCERAMIC = 55°C, assumed system measurement; see Recommended Operating Conditions for specification
limits.
2. SL = 1500 lm
3. QELECTRICAL = 0.25 W
4. CL2W = 0.00266 W/lm
5. QARRAY = 0.25 + (0.00266 × 1500) = 4.24 W
6. TARRAY = 55°C + (4.24 W × 1.1°C/W) = 59.66°C
7.7 Micromirror Landed-On/Landed-Off Duty Cycle
7.7.1 Definition of Micromirror Landed-On/Landed-Off Duty Cycle
The micromirror landed-on/landed-off duty cycle (landed duty cycle) denotes the amount of time (as a
percentage) that an individual micromirror is landed in the On state versus the amount of time the same
micromirror is landed in the Off state.
As an example, a landed duty cycle of 100/0 indicates that the referenced pixel is in the On state 100% of the
time (and in the Off state 0% of the time), whereas 0/100 would indicate that the pixel is in the Off state 100% of
the time. Likewise, 50/50 indicates that the pixel is On 50% of the time and Off 50% of the time.
Note that when assessing landed duty cycle, the time spent switching from one state (ON or OFF) to the other
state (OFF or ON) is considered negligible and is thus ignored.
Since a micromirror can only be landed in one state or the other (On or Off), the two numbers (percentages)
always add to 100.
7.7.2 Landed Duty Cycle and Useful Life of the DMD
Knowing the long-term average landed duty cycle (of the end product or application) is important because
subjecting all (or a portion) of the DMD’s micromirror array (also called the active array) to an asymmetric landed
duty cycle for a prolonged period of time can reduce the DMD’s usable life.
Note that it is the symmetry/asymmetry of the landed duty cycle that is of relevance. The symmetry of the landed
duty cycle is determined by how close the two numbers (percentages) are to being equal. For example, a landed
duty cycle of 50/50 is perfectly symmetrical whereas a landed duty cycle of 100/0 or 0/100 is perfectly
asymmetrical.
7.7.3 Landed Duty Cycle and Operational DMD Temperature
Operational DMD Temperature and Landed Duty Cycle interact to affect the DMD’s usable life, and this
interaction can be exploited to reduce the impact that an asymmetrical Landed Duty Cycle has on the DMD’s
usable life. This is quantified in the de-rating curve shown in Figure 1. The importance of this curve is that:
•
All points along this curve represent the same usable life.
•
All points above this curve represent lower usable life (and the further away from the curve, the lower the
usable life).
•
All points below this curve represent higher usable life (and the further away from the curve, the higher the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com