công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC7615EB bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC7615EB
Giải thích chi tiết về linh kiện  Quad, Serial Input, 12-Bit, Voltage Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7615EB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  DAC7615EB Datasheet HTML 1Page - Texas Instruments DAC7615EB Datasheet HTML 2Page - Texas Instruments DAC7615EB Datasheet HTML 3Page - Texas Instruments DAC7615EB Datasheet HTML 4Page - Texas Instruments DAC7615EB Datasheet HTML 5Page - Texas Instruments DAC7615EB Datasheet HTML 6Page - Texas Instruments DAC7615EB Datasheet HTML 7Page - Texas Instruments DAC7615EB Datasheet HTML 8Page - Texas Instruments DAC7615EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
2
DAC7615
SPECIFICATIONS
At TA = –40°C to +85°C, VDD = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, unless otherwise noted.
DAC7615E, P, U
DAC7615EB, PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
VSS = 0V or –5V
±2
±1
LSB(2)
Linearity Matching(3)
VSS = 0V or –5V
±2
±1
LSB
Differential Linearity Error
VSS = 0V or –5V
±1
±1
LSB
Monotonicity
12
T
Bits
Zero-Scale Error
Code = 000H
±4
T
LSB
Zero-Scale Drift
25
TT
ppm/
°C
Zero-Scale Matching(3)
±2
±1
LSB
Full-Scale Error
Code = FFFH
±4
T
LSB
Full-Scale Matching(3)
±2
±1
LSB
Zero-Scale Error
Code = 00AH, VSS = 0V
±8
T
LSB
Zero-Scale Drift
VSS = 0V
5
10
TT
ppm/
°C
Zero-Scale Matching(3)
VSS = 0V
±4
±2
LSB
Full-Scale Error
Code = FFFH, VSS = 0V
±8
T
LSB
Full-Scale Matching(3)
VSS = 0V
±4
±2
LSB
Power Supply Rejection
30
T
ppm/V
ANALOG OUTPUT
Voltage Output(4)
VSS = 0V or –5V
VREFL
VREFH
TT
V
Output Current
–1.25
+1.25
TT
mA
Load Capacitance
No Oscillation
100
T
pF
Short-Circuit Current
+5, –15
T
mA
Short-Circuit Duration
Indefinite
T
REFERENCE INPUT
VREFH Input Range
VSS = 0V or –5V
VREFL+1.25
+2.5
TT
V
VREFL Input Range
VSS = 0V
0
VREFH–1.25
TT
V
VREFL Input Range
VSS = –5V
–2.5
VREFH–1.25
TT
V
DYNAMIC PERFORMANCE
Settling Time(5)
To
±0.012%
5
10
TT
µs
Channel-to-Channel Crosstalk
Full-Scale Step
0.1
T
LSB
On Any Other DAC, RL = 2kΩ
Output Noise Voltage
Bandwidth: 0Hz to 1MHz
40
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible CMOS
T
Logic Levels
VIH
| IIH | ≤ 10µA
2.4
VDD+0.3
TT
V
VIL
| IIL | ≤ 10µA
–0.3
0.8
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
4.75
5.25
TT
V
VSS
If VSS ≠ 0V
–5.25
–4.75
TT
V
IDD
1.5
1.9
TT
mA
ISS
–2.1
–1.6
TT
mA
Power Dissipation
VSS = –5V
15
20
TT
mW
VSS = 0V
7.5
10
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
T Specification same as grade to the left.
NOTES: (1) If VSS = 0V, specification applies at code 00AH and above. (2) LSB means Least Significant Bit, with VREFH equal to +2.5V and VREFL equal to –2.5V,
one LSB is 1.22mV. (3) All DAC outputs will match within the specified error band. (4) Ideal output voltage, does not take into account zero or full-scale error.
(5) If VSS = –5V, full-scale step from code 000H to FFFH or vice-versa. If VSS = 0V, full-scale positive step from code 000H to FFFH and negative step from code
FFFH to 00AH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com