công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC7571IDBVR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC7571IDBVR
Giải thích chi tiết về linh kiện  2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7571IDBVR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  DAC7571IDBVR Datasheet HTML 1Page - Texas Instruments DAC7571IDBVR Datasheet HTML 2Page - Texas Instruments DAC7571IDBVR Datasheet HTML 3Page - Texas Instruments DAC7571IDBVR Datasheet HTML 4Page - Texas Instruments DAC7571IDBVR Datasheet HTML 5Page - Texas Instruments DAC7571IDBVR Datasheet HTML 6Page - Texas Instruments DAC7571IDBVR Datasheet HTML 7Page - Texas Instruments DAC7571IDBVR Datasheet HTML 8Page - Texas Instruments DAC7571IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
A0
SCL
SDA
6
5
4
1
2
3
VOUT
GND
VDD
1
2
3
6
5
4
(TOP VIEW)
(BOTTOM VIEW)
Lot Trace Code
DAC7571
SLAS374D – FEBRUARY 2003 – REVISED JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PACKAGE
SPECIFIED
PACKAGE
ORDERING
PRODUCT
PACKAGE
DESIGNATO
TEMPERATURE
TRANSPORT MEDIA
MARKING
NUMBER
R
RANGE
DAC7571IDBVT
250-Piece Small Tape and Reel
DAC7571
SOT23-6
DBV
–40°C to +105°C
D771
DAC7571IDBVR
3000-Piece Tape and Reel
PIN CONFIGURATIONS
PIN DESCRIPTION (SOT23-6)
PIN
NAME
DESCRIPTION
1
VOUT
Analog output voltage from DAC
Ground reference point for all
2
GND
circuitry on the part
3
VDD
Analog Voltage Supply Input
4
SDA
Serial Data Input
5
SCL
Serial Clock Input
6
A0
Device Address Select
LOT
Year (3 = 2003); Month (1–9 = JAN–SEP; A=OCT,
TRACE
B=NOV, C=DEC); LL – Random code generated
CODE:
when assembly is requested
ABSOLUTE MAXIMUM RATINGS
(1)
UNITS
VDD to GND
–0.3 V to +6 V
Digital Input voltage to GND
–0.3 V to +VDD +0.3 V
VOUT to GND
–0.3 V to +VDD +0.3 V
Operating temperature range
–40°C to +105°C
Storage temperature range
–65°C to +150°C
Junction temperature range (TJ max)
+150°C
Power dissipation
(TJmax - TA)R ΘJA
Thermal impedance, R ΘJA
240°C/W
Lead temperature, soldering
Vapor phase (60 s)
215°C
Infrared (15 s)
220°C
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
VDD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to +105°C unless otherwise noted.
DAC7571
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
STATIC PERFORMANCE(1)
Resolution
12
Bits
Relative accuracy
±0.195
% of FSR
(1)
Linearity calculated using a reduced code range of 48 to 4047; output unloaded.
2
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: DAC7571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com