công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC7617EB bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC7617EB
Giải thích chi tiết về linh kiện  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7617EB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  DAC7617EB Datasheet HTML 1Page - Texas Instruments DAC7617EB Datasheet HTML 2Page - Texas Instruments DAC7617EB Datasheet HTML 3Page - Texas Instruments DAC7617EB Datasheet HTML 4Page - Texas Instruments DAC7617EB Datasheet HTML 5Page - Texas Instruments DAC7617EB Datasheet HTML 6Page - Texas Instruments DAC7617EB Datasheet HTML 7Page - Texas Instruments DAC7617EB Datasheet HTML 8Page - Texas Instruments DAC7617EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
DAC7617
SBAS185
SPECIFICATIONS
At TA = –40°C to +85°C, VDD = +3V, VREFH = +1.25V, and VREFL = 0V, unless otherwise noted.
T Specification same as DAC7617E, U.
NOTES: (1) Specification applies at code 00AH and above. (2) LSB means Least Significant Bit, with VREFH equal to +1.25V and VREFL equal to 0V, one LSB
is 0.305mV. (3) All DAC outputs will match within the specified error band. (4) Ideal output voltage does not take into account zero or full-scale error.
DAC7617E, U
DAC7617EB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
±2
±1
LSB(2)
Linearity Matching(3)
±2
±1
LSB
Differential Linearity Error
±1
±1
LSB
Monotonicity
12
T
Bits
Zero-Scale Error
Code = 00AH
±2.4
T
mV
Zero-Scale Drift
510
TT
ppm/
°C
Zero-Scale Matching(3)
±1
±2
T
±1.2
mV
Full-Scale Error
Code = FFFH
±2.4
T
mV
Full-Scale Matching(3)
±1
±2
T
±1.2
mV
Power Supply Rejection
30
T
ppm/V
ANALOG OUTPUT
Voltage Output(4)
VREFL
VREFH
TT
V
Output Current
–625
+625
TT
µA
Load Capacitance
No Oscillation
100
T
pF
Short-Circuit Current
+8, –2
T
mA
Short-Circuit Duration
Indefinite
T
REFERENCE INPUT
VREFH Input Range
0
+1.25
TT
V
VREFL Input Range
0
T
V
DYNAMIC PERFORMANCE
Settling Time
To
±0.012%
5
10
TT
µs
Channel-to-Channel Crosstalk
Full-Scale Step
0.1
T
LSB
On Any Other DAC
Output Noise Voltage
Bandwidth: 0Hz to 1MHz
65
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels
VIH
| IIH | ≤ 10µAVDD • 0.7
VDD
TT
V
VIL
| IIL | ≤ 10µA
–0.3
VDD • 0.3
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
3.0
3.3
3.6
TT
T
V
IDD
0.8
1
TT
mA
Power Dissipation
2.4
3
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com