| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM324ADBLE bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM324ADBLE bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 40 page ![]() Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM2902KDR SOIC D 14 2500 367.0 367.0 38.0 LM2902KNSR SO NS 14 2000 367.0 367.0 38.0 LM2902KPWR TSSOP PW 14 2000 367.0 367.0 35.0 LM2902KVQPWR TSSOP PW 14 2000 367.0 367.0 35.0 LM2902KVQPWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 LM2902NSR SO NS 14 2000 367.0 367.0 38.0 LM2902PWR TSSOP PW 14 2000 364.0 364.0 27.0 LM2902PWR TSSOP PW 14 2000 367.0 367.0 35.0 LM2902PWRG3 TSSOP PW 14 2000 364.0 364.0 27.0 LM2902PWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 LM324ADBR SSOP DB 14 2000 367.0 367.0 38.0 LM324ADR SOIC D 14 2500 364.0 364.0 27.0 LM324ADR SOIC D 14 2500 367.0 367.0 38.0 LM324ADRG4 SOIC D 14 2500 367.0 367.0 38.0 LM324ANSR SO NS 14 2000 367.0 367.0 38.0 LM324APWR TSSOP PW 14 2000 364.0 364.0 27.0 LM324APWR TSSOP PW 14 2000 367.0 367.0 35.0 LM324APWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 LM324DR SOIC D 14 2500 333.2 345.9 28.6 LM324DR SOIC D 14 2500 364.0 364.0 27.0 LM324DR SOIC D 14 2500 367.0 367.0 38.0 LM324DRG3 SOIC D 14 2500 364.0 364.0 27.0 LM324DRG3 SOIC D 14 2500 333.2 345.9 28.6 LM324DRG4 SOIC D 14 2500 333.2 345.9 28.6 LM324KADR SOIC D 14 2500 367.0 367.0 38.0 LM324KANSR SO NS 14 2000 367.0 367.0 38.0 LM324KAPWR TSSOP PW 14 2000 367.0 367.0 35.0 LM324KDR SOIC D 14 2500 367.0 367.0 38.0 LM324KNSR SO NS 14 2000 367.0 367.0 38.0 LM324KPWR TSSOP PW 14 2000 367.0 367.0 35.0 LM324PWR TSSOP PW 14 2000 367.0 367.0 35.0 LM324PWR TSSOP PW 14 2000 364.0 364.0 27.0 LM324PWRG3 TSSOP PW 14 2000 364.0 364.0 27.0 LM324PWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 1-Jul-2016 Pack Materials-Page 4 |