| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS32ACPW bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26LS32ACPW bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Jan-2016 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples AM26LS32AMJB ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-7802003ME A AM26LS32AMJB AM26LS32AMWB ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-7802003MF A AM26LS32AMWB AM26LS33ACD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 26LS33AC AM26LS33ACDG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 26LS33AC AM26LS33ACDR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 26LS33AC AM26LS33ACDRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 26LS33AC AM26LS33ACDRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 26LS33AC AM26LS33ACN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 AM26LS33ACN AM26LS33ACNE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 AM26LS33ACN AM26LS33AMFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 7802004M2A AM26LS 33AMFKB AM26LS33AMJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 AM26LS33AMJ AM26LS33AMJB ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-7802004ME A AM26LS33AMJB AM26LS33AMWB ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-7802004MF A AM26LS33AMWB (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. |