| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS32AC bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AC bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Jan-2016 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples AM26LS32ACNE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 AM26LS32ACN AM26LS32ACNSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 26LS32A AM26LS32ACNSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 26LS32A AM26LS32ACPW ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SA32A AM26LS32ACPWE4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SA32A AM26LS32ACPWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SA32A AM26LS32ACPWRE4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SA32A AM26LS32ACPWRG4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SA32A AM26LS32AID ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 26LS32AI AM26LS32AIDE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 26LS32AI AM26LS32AIDG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 26LS32AI AM26LS32AIDR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 26LS32AI AM26LS32AIDRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 26LS32AI AM26LS32AIN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 AM26LS32AIN AM26LS32AINE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 AM26LS32AIN AM26LS32AMFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 7802003M2A AM26LS 32AMFKB AM26LS32AMJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 AM26LS32AMJ |