công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FCT16952CTPACTE4 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện 74FCT16952CTPACTE4
Giải thích chi tiết về linh kiện  16-Bit Registered Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT16952CTPACTE4 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button 74FCT16952CTPACTE4 Datasheet HTML 14Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 15Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 16Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 17Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 18Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 19Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 20Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 21Page - Texas Instruments 74FCT16952CTPACTE4 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(7.5)
54X (0.5)
56X (0.3)
56X (1.5)
(R
) TYP
0.05
4222167/A 07/2015
TSSOP - 1.2 mm max height
DGG0056A
SMALL OUTLINE PACKAGE
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
28
29
56
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22