| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74FCT162H501CTPVC bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74FCT162H501CTPVC bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 22 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 74FCT162501ATPVCT ACTIVE SSOP DL 56 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162501A 74FCT162501CTPACT OBSOLETE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 74FCT162501CTPVCT ACTIVE SSOP DL 56 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162501C 74FCT162501ETPACT OBSOLETE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 74FCT162501ETPVCT OBSOLETE SSOP DL 56 TBD Call TI Call TI -40 to 85 74FCT162H501CTPACT ACTIVE TSSOP DGG 56 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162H501C 74FCT162H501CTPVC OBSOLETE SSOP DL 56 TBD Call TI Call TI -40 to 85 74FCT162H501ETPAC OBSOLETE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 74FCT162H501ETPACT OBSOLETE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 74FCT162H501ETPVC OBSOLETE SSOP DL 56 TBD Call TI Call TI -40 to 85 74FCT162H501ETPVCT OBSOLETE SSOP DL 56 TBD Call TI Call TI -40 to 85 CY74FCT162501ETPAC OBSOLETE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 CY74FCT162501ETPVC OBSOLETE SSOP DL 56 TBD Call TI Call TI -40 to 85 CY74FCT16501ATPVC ACTIVE SSOP DL 56 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16501A CY74FCT16501ETPAC OBSOLETE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 CY74FCT16501ETPACT OBSOLETE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 CY74FCT16501ETPVC OBSOLETE SSOP DL 56 TBD Call TI Call TI -40 to 85 CY74FCT16501ETPVCT OBSOLETE SSOP DL 56 TBD Call TI Call TI -40 to 85 FCT162501CTPACTE4 ACTIVE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 FCT162501CTPACTG4 ACTIVE TSSOP DGG 56 TBD Call TI Call TI -40 to 85 FCT162H501CTPVCG4 ACTIVE SSOP DL 56 TBD Call TI Call TI -40 to 85 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. |