| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74FCT162543CTPVCG4 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74FCT162543CTPVCG4 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 22 page ![]() www.ti.com EXAMPLE STENCIL DESIGN (7.5) 54X (0.5) 56X (0.3) 56X (1.5) (R ) TYP 0.05 4222167/A 07/2015 TSSOP - 1.2 mm max height DGG0056A SMALL OUTLINE PACKAGE NOTES: (continued) 7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 8. Board assembly site may have different recommendations for stencil design. SYMM SYMM 1 28 29 56 SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE:6X |