công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

20ETF10 bảng dữ liệu(PDF) 7 Page - International Rectifier

tên linh kiện 20ETF10
Giải thích chi tiết về linh kiện  FAST SOFT RECOVERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

20ETF10 bảng dữ liệu(HTML) 7 Page - International Rectifier

  20ETF10 Datasheet HTML 1Page - International Rectifier 20ETF10 Datasheet HTML 2Page - International Rectifier 20ETF10 Datasheet HTML 3Page - International Rectifier 20ETF10 Datasheet HTML 4Page - International Rectifier 20ETF10 Datasheet HTML 5Page - International Rectifier 20ETF10 Datasheet HTML 6Page - International Rectifier 20ETF10 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
20ETF..S
QUIETIR Series
Bulletin I2111 rev. C 03/99
www.irf.com
9G3A
20ETF06S
9512
EXAMPLE: THIS IS AN 20ETF06S
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
Marking Information
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
Dimensions in millimeters and inches
(K)
(A)
(A)
TRR
FEED DIRECTION
TRL
FEED DIRECTION
10 .90 (0.4 29)
10 .70 (0.4 21)
16 .10 (0.6 34)
15 .90 (0.6 26)
1.75 (0 .06 9)
1.25 (0 .04 9)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15 .42 (0.6 09)
15 .22 (0.6 01)
4.72 (0 .18 6)
4.52 (0 .17 8)
24 .30 (0 .95 7)
23 .90 (0 .94 1)
0.368 (0.0145)
0.342 (0.0135)
360 (1 4.173)
DIA. MAX.
26 .40 (1.0 39)
24 .40 (0.9 61)
13.50 (0.532)
12.80 (0.504)
DIA.
60 (2 .362)
DIA. MIN.
SMD-220 Tape & Reel
When orderi ng, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and T RR.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7