| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY74FCT162240ETPVC bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CY74FCT162240ETPVC bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 13 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 74FCT162240ATPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162240A 74FCT162240CTPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162240C 74FCT162240CTPVCT ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162240C 74FCT162240ETPACT OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 74FCT162240ETPVCT OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 74FCT16240ATPVCG4 ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16240A 74FCT16240ATPVCTG4 ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16240A CY74FCT162240CTPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162240C CY74FCT162240ETPAC OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 CY74FCT162240ETPVC OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 CY74FCT16240ATPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16240A CY74FCT16240ATPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16240A CY74FCT16240ATPVCT ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16240A CY74FCT16240ETPVC OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 CY74FCT16240ETPVCT OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |