| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
18TQ bảng dữ liệu(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
18TQ bảng dữ liệu(HTML) 6 Page - International Rectifier |
|
6 / 8 page ![]() 18TQ... Series 6 Bulletin PD-20178 rev. C 07/03 www.irf.com Marking Information TRR FEED DIRECTION TRL FEED DIRECTION 10.90 (0.429) 10.70 (0.421) 16.10 (0.634) 15.90 (0.626) 1.75 (0.069) 1.25 (0.049) 1.85 (0.073) 1.65 (0.065) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059) DIA. 1.60 (0.063) 1.50 (0.059) DIA. 11.60 (0.457) 11.40 (0.449) 15.42 (0.609) 15.22 (0.601) 4.72 (0.186) 4.52 (0.178) 24.30 (0.957) 23.90 (0.941) 0.368 (0.0145) 0.342 (0.0135) 360 (14.173) DIA. MAX. 26.40 (1.039) 24.40 (0.961) 13.50 (0.532) 12.80 (0.504) DIA. 60 (2.362) DIA. MIN. SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR. Dimensions in millimeters and (inches) Tape & Reel Information 18TQ045S THIS IS A 18TQ045-S LOT CODE 8024 ASSEMBLED ON WW 02, 2000 IN THE ASSEMBLY LINE "L" ASSEMBLY LOT CODE INTERNATIONAL RECTIFIER LOGO PART NUMBER DATE CODE YEAR 0 = 2000 WEEK 02 LINE L |