công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACT11374DBLE bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện 74ACT11374DBLE
Giải thích chi tiết về linh kiện  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11374DBLE bảng dữ liệu(HTML) 1 Page - Texas Instruments

  74ACT11374DBLE Datasheet HTML 1Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 2Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 3Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 4Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 5Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 6Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 7Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 8Page - Texas Instruments 74ACT11374DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
74ACT11374
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS217A – JULY 1987 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Eight D-Type Flip-Flops in a Single Package
D 3-State Bus Driving True Outputs
D Full Parallel Access for Loading
D Inputs Are TTL-Voltage Compatible
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, and Standard
Plastic 300-mil DIPs (NT)
description
This 8-bit flip-flop features 3-state outputs designed specifically for driving highly-capacitive or relatively
low-impedance loads. It is particularly suitable for implementing buffer registers, I/O ports, bidirectional bus
drivers, and working registers.
The eight flip-flops of the 74ACT11374 are edge-triggered D-type flip-flops. On the positive transition of the clock
(CLK) input, the Q outputs are set to the logic levels set up at the data (D) inputs.
An output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or low
logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus
lines significantly. The high-impedance third state provides the capability to drive bus lines in a bus-organized
system without need for interface or pullup components.
OE does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
The 74ACT11374 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
OE
CLK
D
Q
L
↑
H
H
L
↑
LL
L
LX
Q0
L
HX
Q0
L
↓
XQ0
H
X
X
Z
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Q
2Q
3Q
4Q
GND
GND
GND
GND
5Q
6Q
7Q
8Q
OE
1D
2D
3D
4D
VCC
VCC
5D
6D
7D
8D
CLK
DB, DW, OR NT PACKAGE
(TOP VIEW)


Số phần tương tự - 74ACT11374DBLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ACT11374DBLE TI-74ACT11374DBLE Datasheet
103Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374DBLE TI2-74ACT11374DBLE Datasheet
602Kb / 16P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Mô tả tương tự - 74ACT11374DBLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC374A-EP TI1-SN74LVC374A-EP Datasheet
581Kb / 13P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC574A-EP TI1-SN74LVC574A-EP Datasheet
412Kb / 9P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC574A-Q1 TI1-SN74LVC574A-Q1 Datasheet
219Kb / 11P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com