| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP5380N bảng dữ liệu(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP5380N bảng dữ liệu(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 32 page ![]() 100 AC Electrical Characteristics all parameters are preliminary and subject to change without notice (Continued) Symbol Parameter DP5380 Units Min Typ Max ahr Address Hold from End of Read Enable (Note 1) 10 ns ahw Address Hold from End of Write Enable (Note 2) 10 ns as Address Setup to Read or Write Enable (Notes 1 2) 10 ns csh CS Hold from End of RD or WR 0 ns dhr Data Hold from End of Read Enable (Notes 1 3) 10 60 ns dhw m P Data Hold Time from End of WR 20 ns dsw Data Setup to End of Write Enable 50 ns rdv Data Valid from Read Enable (Note 1) 100 ns ww Write Enable Width (Note 2) 60 ns Note 1 Read enable (mP) is CS and RD active Note 2 Write enable (mP) is CS and WR active Note 3 This includes the RC delay inherent in the tests’ method These signals typically turn off after 25 ns enabling other devices to drive these lines with no contention 103 mP WRITE TLF9756 – 14 104 mP READ TLF9756 – 15 19 |