| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LF05E2 bảng dữ liệu(PDF) 1 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LF05E2 bảng dữ liệu(HTML) 1 Page - OSRAM GmbH |
|
1 / 6 page ![]() www.osram.com/flex Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figure s and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data. Subject to change without notice. Errors and omissions excepted. Version: 2016-04-07 01 LINEARLIGHT FLEX ECO LF05E2 TECHNICAL DATASHEET Key Features & Benefits ‒ Decorative linear separable LED strip on flexible printed circuit board with self-adhesive back ‒ High quality single PCB from continuous reel-to-reel production for improved reliability ‒ Current control technology for constant flux level along the module ‒ Fine white binning (3 steps MacAdam ellipse) ‒ PWM Dimmable Possible Applications ‒ Architectural lighting / integration Coves, hand rails, walls, edge coupling, et.al. ‒ Object lighting / integration ‒ Signage application QUICK REFERENCE Product Order Code Color K V W/m lm/m lm/W Beam Angle (°) Shipping Units LF05E2-W2F-824 4052899942790 white 2400 24 3.0 220 73 120 8 LF05E2-W2F-827 4008321971357 white 2700 24 3.6 205 57 120 8 LF05E2-W2F-830 4052899928435 white 3000 24 3.6 220 61 120 8 LF05E2-W2F-840 4052899928442 white 4000 24 3.6 240 67 120 8 LF05E2-W2F-865 4008321971418 white 6500 24 3.6 220 61 120 8 LF05E2-W2F-824 4052899942790 white 2400 24 3.0 220 73 120 8 |
Số phần tương tự - LF05E2 |
|
Mô tả tương tự - LF05E2 |