công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCS7477AIMFX/NOPB bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADCS7477AIMFX/NOPB
Giải thích chi tiết về linh kiện  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFX/NOPB bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button ADCS7477AIMFX/NOPB Datasheet HTML 13Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 14Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 15Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 16Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 17Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 18Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 19Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 20Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
V
/2
DD
V
IN
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
V
/2
DD
SW2
V
IN
17
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
Figure 25 shows the device in hold mode where the switch SW1 connects the sampling capacitor to ground,
maintaining the sampled voltage, and switch SW2 unbalances the comparator. The control logic then instructs
the charge-redistribution DAC to add or subtract fixed amounts of charge from the sampling capacitor until the
comparator is balanced. When the comparator is balanced, the digital word supplied to the DAC is the digital
representation of the analog input voltage. The device moves from hold mode to track mode (Figure 26) on the
13th rising edge of SCLK.
Figure 25. ADCS747x in Hold Mode
Figure 26. ADCS747x in Track Mode
7.4.1 Transfer Function
The output format of ADCS747x is straight binary. Code transitions occur midway between successive integer
LSB values. The LSB widths for the ADCS7476 is VDD / 4096; for the ADCS7477 the LSB width is VDD / 1024; for
the ADCS7478, the LSB width is VDD / 256. The ideal transfer characteristic for the ADCS7476 and ADCS7477 is
shown in Figure 27, while the ideal transfer characteristic for the ADCS7478 is shown in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com