| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
YMF754-R bảng dữ liệu(PDF) 32 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
YMF754-R bảng dữ liệu(HTML) 32 Page - YAMAHA CORPORATION |
|
32 / 60 page ![]() YMF754 June 28, 1999 -32- DS-1E supports PC/PCI and D-DMA protocols to emulate the DMA of SB Pro on the PCI. In addition, DS- 1E supports the old type of interrupts used by ISA and the Serialized IRQ protocol. The combination of PC/PCI and Serialized IRQ is recommended for DS-1E. The system block diagram when using Intel chip set is shown below. IRQ11 IRQ10 IRQ9 IRQ7 PCREQ# IRQ5 PCGNT# South Bridge (PIIX4E) PCI Control Address/Data North Brigde (430TX/440BX) SERIRQ# Select either protocols DS-1E The PCI-to-ISA bridge needs to support PC/PCI. IRQ is directly connected to the IRQ input pins on the PCI-to-ISA bridge. |