công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XR-2212 bảng dữ liệu(PDF) 1 Page - Exar Corporation

tên linh kiện XR-2212
Giải thích chi tiết về linh kiện  Precision Phase-Locked Loop
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212 bảng dữ liệu(HTML) 1 Page - Exar Corporation

  XR-2212 Datasheet HTML 1Page - Exar Corporation XR-2212 Datasheet HTML 2Page - Exar Corporation XR-2212 Datasheet HTML 3Page - Exar Corporation XR-2212 Datasheet HTML 4Page - Exar Corporation XR-2212 Datasheet HTML 5Page - Exar Corporation XR-2212 Datasheet HTML 6Page - Exar Corporation XR-2212 Datasheet HTML 7Page - Exar Corporation XR-2212 Datasheet HTML 8Page - Exar Corporation XR-2212 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
XR-2212
...the analog plus companyTM
Precision
Phase-Locked Loop
Rev. 2.01
E1979
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
z (510) 668-7000 z FAX (510) 668-7017
1
June 1997-3
FEATURES
D Quadrature VCO Outputs
D Wide Frequency Range (0.01Hz to 300kHz)
D Wide Supply Voltage Range (4.5V to 20V)
D TTL/HCMOS Compatible (VCC = 5VDC)
D Wide Dynamic Range (2mV to 3Vrms)
D Adjustable Tracking Range ("1% to "80%)
D Excellent Temp. Stability 20ppm/°C, Typ.
APPLICATIONS
D Frequency Synthesis
D Data Synchronization
D FM Detection
D Tracking Filters
D FSK Demodulation
GENERAL DESCRIPTION
The XR-2212 is an ultra-stable monolithic phase-locked
loop
(PLL)
system
especially
designed
for
data
communications and control system applications. Its on
board reference and uncommitted operational amplifier,
together with a typical temperature stability of better than
20ppm/
°C, make it ideally suited for frequency synthesis,
FM detection, and tracking filter applications. The wide
input dynamic range, large operating voltage range, large
frequency range, and HCMOS and TTL compatibility
contribute to the usefulness and wide applicability of this
device.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XR-2212M
16 Lead 300 Mil CDIP
-55
°C to +125°C
XR-2212CP
16 Lead 300 Mil PDIP
0
°C to +70°C
XR-2212P
16 Lead 300 Mil PDIP
-40
°C to +85°C
BLOCK DIAGRAM
2
INP
1
VCC
4
GND
10
0-DET O
8
OUT
6
COMP
11
VREF
5
VCOOV
3
VCOOC
15
VCOQO
12
TIM R
14
TIM C1
13
TIM C2
16
0-DET I
9
PINP
7
NINP
Figure 1. XR-2212 Block Diagram
Pre Amplifier
Phase
Detector
Op Amp
VREF
Amp
VCO


Số phần tương tự - XR-2212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
XR-2212 EXAR-XR-2212 Datasheet
184Kb / 20P
Precision Phase-Locked Loop
XR-2212CP EXAR-XR-2212CP Datasheet
184Kb / 20P
Precision Phase-Locked Loop
XR-2212M EXAR-XR-2212M Datasheet
184Kb / 20P
Precision Phase-Locked Loop
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
Precision Phase-Locked Loop
More results

Mô tả tương tự - XR-2212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Exar Corporation
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
Precision Phase-Locked Loop
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com