công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330ML bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện 6TPE330ML
Giải thích chi tiết về linh kiện  Surface Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330ML bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  6TPE330ML Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330ML Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330ML Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330ML Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Lot. No.
R.Cap. code
R. Voltage code
Polarity marking(+)
W1
S
S
L
● Low profile (Height 1.5 mm max.)
● Low ESR (7 m
Ω)
● Large capacitance (1500 μF max.)
● RoHS compliance, Halogen free
Surface Mount Type
Series : TPE
Size : D
Features
Size code
D15E
D2E
D3L
D4
Category temperature range
–55 °C to +105 °C
Rated voltage range
6.3 V.DC
2.5 V.DC to 10 V.DC
Category voltage range
5.0 V.DC
2.5 V.DC to 10 V.DC
Rated capacitance range
470 μF
68 μF to 470 μF
220 μF to 680 μF
330 μF to 1500 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Surge voltage (V.DC)
Rated voltage
× 1.15
Endurance
+105 °C, 2000 h rated voltage applied
✽ Rated temp, +85 °C Products : +85 °C, 1000 h, rated voltage applied
6TPE330MAP, 6TPE470MAZU : +85 °C, 2000 h,
Capacitance change
Within ±20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current
Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 500 h, No-applied voltage
Capacitance change
Within +50 %, −20 % of the initial value
(2R5TPE220M (I, F, 9), 2R5TPE330M (I, F, C, 9, 7),
2R5TPE470M (I, F, C, 9, 7), 2R5TPE1000MF, 2R5TPE1500M (F, C))
Within +40 %, −20 % of the initial value (Except for above model)
tan d
< 1.5 times of the initial limit
DC leakage current
< 3 times of the initial limit
Size code L±0.3
W±0.2 H±0.2 ✽
1
S±0.2
W1±0.1
D15E
7.3
4.3
1.4
1.1
2.4
D2E
7.3
4.3
1.8
1.3
2.4
D3L
7.3
4.3
2.8
1.3
2.4
D4
7.3
4.3
3.8
1.3
2.4
Unit : mm
R. Voltage (V.DC)
2.5
4.0
6.3
10.0
Code
eg
j
A
✽ Externals of figure are the reference.
✽ 1 ±0.1 :D15E, D2E
Marking
Dimensions (not to scale)
Specifications
Nov. 2015
01



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com