| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
448VC3102ADC bảng dữ liệu(PDF) 3 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
448VC3102ADC bảng dữ liệu(HTML) 3 Page - CTS Corporation |
|
3 / 4 page ![]() DIMENSION: mm INCH DIMENSION: mm INCH DIMENSION: mm INCH TYPE 448X MONO TYPE 448X DUAL TYPE 448X MONO W/SPST SWITCH 1.00±0.08(3) A B 3.45 1.85 3.55 Ø1.50±0.10 (3)HL'S. 1.00 3.45 A 1 2 3 1 2 3 5.00 -0.08 4.00 L± 9.50 1.00 16.80 .039 .136 .059±.004 +0 .157 -.003 .197 .661 +.000 +.000 -.003 .071 +0 1.80 -0.08 .374 .039 .020 0.50 .039±.003 .136 0.13 .073 .005 .140 .016±.002 0.40±0.04(3) 3 2 1 S T C CIRCUIT .364 9.25 3.55 .140 1.85 .073 2 1 A B C 5 4 CTS 6 3 .020 0.50 L± .157 4.00 .059±.004 Ø1.50±0.10 (6)HL'S. 0.40±0.04(6) .016±.002 .039±.003 1.00±0.08(6) .661 .197 5.00 16.80 .005 0.13 .039 1.00 .374 9.50 .116 2.95 .039 1.00 .364 .240 6.10 1 2 9.25 4 5 .136 3.45 B A 6 3 5 1 4 2 6 3 -0.08 +.000 -.003 -0.08 -.003 +.000 +0 1.80 .071 +0 CIRCUIT -0.08 +0.00 3.00±0.25 SWITCH 10.50 2 9.20 2.40 B A 1.85 3.55 1.00 1 4 9.20 1.00±0.08 Ø1.50±0.10 (5)HL'S. C B A 3.80 5 CTS SWITCH CLOSED 0.5 SWITCH TRAVEL OPEN CIRCUIT 4 1 2 3 5 -0.08 +0.00 9.5 REF 6.67±0.50 SWITCH CLOSED 7.93±0.50 SWITCH OPEN 0.40±0.04 ACTUATOR CENTERLINE 3 16.8 1.00 5.0 L± .118±.010 -.003 +0 4.00 .157 .197 .661 .150 .039±.003 .362 (5) .140 .073 .016±.002 .374 .071 -.003 +0 .312±.020 .263±.020 1.80 .039 .039 .059±.004 .094 .362 .413 MODEL DIMENSIONS L (Travel) A B C 448X-20MS 20/ .787 27.50/1.083 47.20/1.859 49.20/1.937 448X-30MS 30/ 1.181 37.50/1.476 57.20/2.272 59.20/2.331 MODEL DIMENSIONS L (Travel) A B C 448X-20D 20/ .787 27.60/1.087 40.30/1.587 42.40/1.669 448X-30D 30/ 1.181 37.60/1.481 50.30/1.981 52.40/2.063 448X-45D 45/ 1.772 52.60/2.071 65.30/2.571 67.40/2.654 MODEL DIMENSIONS L (Travel) A B 448X-10M 10/ .394 24.50/ .965 26.60/1.047 448X-15M 15/ .591 29.50/1.161 31.60/1.244 448X-20M 20/ .787 34.50/1.359 36.60/1.441 448X-30M 30/ 1.181 44.50/1.752 46.60/1.835 448X-45M 45/ 1.772 59.50/2.343 61.60/2.425 448X-60M 60/ 2.362 74.50/2.934 76.60/3.016 .020 3 - 4 CTS Electrocomponents www.ctscorp.com 07/29/15 © 2015 CTS Corporation. All rights reserved. Information subject to change. |