công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZMM18B bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện ZMM18B
Giải thích chi tiết về linh kiện  Surface mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMM18B bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  ZMM18B Datasheet HTML 1Page - Diotec Semiconductor ZMM18B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZMM3B9 ... ZMM75B (500 mW - 2%)
ZMM3B9 ... ZMM75B (500 mW - 2%)
Surface mount Silicon Planar Zener Diodes
Silizium-Planar-Zener-Dioden für die Oberflächenmontage
Version 2015-05-13
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
500 mW
Nominal Z-voltage
Nominale Z-Spannung
3.9...75 V
Glass case MiniMELF
Glasgehäuse MiniMELF
SOD-80
(DO-213AA)
Weight approx.
Gewicht ca.
0.04 g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 standard (~ ±5%).
The devices ZMM3B9...ZMM75B are specially selected to ~ ±2% tolerance.
Other voltage tolerances and Zener voltages on request.
Die Standard-Toleranz der Z-Spannung ist gestuft nach der internationalen Reihe E 24 (~ ±5%).
Die Reihe ZMM3B9...ZMM75B ist eine Sonderselektion mit ~ ±2% Toleranz.
Andere Toleranzen oder Zener-Spannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Power dissipation
Verlustleistung
TA = 25°C
Ptot
500 mW 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 300 K/W 1)
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
2
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses – Gemessen mit Impulsen
© Diotec Semiconductor AG
http://www.diotec.com/
1


Số phần tương tự - ZMM18B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
ZMM18B DIOTEC-ZMM18B Datasheet
79Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMM18B SEMTECH_ELEC-ZMM18B Datasheet
454Kb / 8P
SILICON PLANAR ZENER DIODES
logo
Gaomi Xinghe Electronic...
ZMM18B GXELECTRONICS-ZMM18B Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
ZMM18B DGNJDZ-ZMM18B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results

Mô tả tương tự - ZMM18B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
Surface mount Silicon Planar Zener Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
Surface Mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4_07 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
Surface Mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com