công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REM6-2412SW bảng dữ liệu(PDF) 5 Page - Recom International Power

tên linh kiện REM6-2412SW
Giải thích chi tiết về linh kiện  6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

REM6-2412SW bảng dữ liệu(HTML) 5 Page - Recom International Power

  REM6-2412SW Datasheet HTML 1Page - Recom International Power REM6-2412SW Datasheet HTML 2Page - Recom International Power REM6-2412SW Datasheet HTML 3Page - Recom International Power REM6-2412SW Datasheet HTML 4Page - Recom International Power REM6-2412SW Datasheet HTML 5Page - Recom International Power REM6-2412SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
DC/DC Converter
Power Frequency Magnetic Field
10A/m
EN61000-4-8, Criteria A
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Potting Material
non-conductive black plastic
silicone (UL94-V0)
Package Dimension (LxWxH)
31.80 x 20.30 x 10.40mm
Package Weight
14g
continued on next page
MED-5
REV.: 05/2016
www.recom-power.com
Notes:
Note6:
An external input filter capacitor is required if the model has to meet EN61000-4-4 or/and EN61000-4-5.
Recommended components:
5Vin
aluminium capacitor (Nippon Chemi-con KY series, 1000µF/25V) and a
reverse diode (Vishay V10P45) to connect in parallel
12Vin, 24Vin
aluminium capacitor (Nippon Chemi-con KY series, 470µF/50V)
48Vin
aluminium capacitor (Nippon Chemi-con KY series, 330µF/100V)
Note7:
The whole REM6 series can meet EMI Class A with no external filter. And Class B only with external components.
REM6
Series
EMC Filter Suggestion for Class B
C1
+VIN
-VIN
C2
L1
MODEL
C1 (8)
C2 (8)
L1 (8)
REM6-05xxS_D
22µF/16V
MLCC
22µF/16V
MLCC
33mH
WE 744825433
REM6-12xxS_D
REM6-24xxS_D
REM6-24xxS_D/W
4.7µF/50V
MLCC
4.7µF/50V
MLCC
500µH
WE 744223
REM6-48xxS_D
REM6-48xxS_D/W
2.2µF/100V
MLCC
1µF/100V
MLCC
500µH
WE 744223
Notes:
Note8:
The component values can be adapted according to customers‘ applictation.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com