| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMN3016LPS bảng dữ liệu(PDF) 6 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DMN3016LPS bảng dữ liệu(HTML) 6 Page - Diodes Incorporated |
|
6 / 7 page ![]() DMN3016LPS Document number: DS35646 Rev. 2 - 2 6 of 7 www.diodes.com February 2015 © Diodes Incorporated POWERDI is a registered trademark of Diodes Incorporated. DMN3016LPS Package Outline Dimensions Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. (1) Package Type: POWERDI ®5060-8 Suggested Pad Layout Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. (1) Package Type: POWERDI ®5060-8 POWERDI ®5060-8 Dim Min Max Typ A 0.90 1.10 1.00 A1 0.00 0.05 b 0.33 0.51 0.41 b2 0.200 0.350 0.273 b3 0.40 0.80 0.60 c 0.230 0.330 0.277 D 5.15 BSC D1 4.70 5.10 4.90 D2 3.70 4.10 3.90 D3 3.90 4.30 4.10 E 6.15 BSC E1 5.60 6.00 5.80 E2 3.28 3.68 3.48 E3 3.99 4.39 4.19 e 1.27 BSC G 0.51 0.71 0.61 K 0.51 L 0.51 0.71 0.61 L1 0.100 0.200 0.175 M 3.235 4.035 3.635 M1 1.00 1.40 1.21 Θ 10º 12º 11º Θ1 6º 8º 7º All Dimensions in mm Dimensions Value (in mm) C 1.270 G 0.660 G1 0.820 X 0.610 X1 4.100 X2 0.755 X3 4.420 X4 5.610 Y 1.270 Y1 0.600 Y2 1.020 Y3 0.295 Y4 1.825 Y5 3.810 Y6 0.180 Y7 6.610 D1 E1 A L K M L1 D2 G E2 Detail A 0(4X) A1 c e D E 1 Detail A b (8X) e/2 1 01 (4X) M1 b2 (4X) b3 (4X) E3 D3 Y7 X3 Y2 Y5 X1 G1 X C Y(4x) G X2 Y3 Y4 Y6 X4 Y1 |