công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ELH279M010AS2 bảng dữ liệu(PDF) 21 Page - Kemet Corporation

tên linh kiện ELH279M010AS2
Giải thích chi tiết về linh kiện  Snap-In Aluminum Electrolytic Capacitors ELH Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH279M010AS2 bảng dữ liệu(HTML) 21 Page - Kemet Corporation

Back Button ELH279M010AS2 Datasheet HTML 17Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 18Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 19Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 20Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 21Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 22Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 23Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 24Page - Kemet Corporation ELH279M010AS2 Datasheet HTML 25Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Leakage Current (LC) cont’d
As the oxide layer is regenerated in use, the leakage current will
gradually decrease to its normal level.
The relationship between the leakage current and voltage applied at
constant temperature can be shown schematically as follows:
Where:
V
F = Forming voltage
If this level is exceeded, a large quantity of heat and gas will be
generated and the capacitor could be damaged.
V
R = Rated Voltage
This level represents the top of the linear part of the curve.
V
S = Surge voltage
This lies between V
R and VF. The capacitor can be subjected to VS for short periods only.
Electrolytic capacitors are subjected to a reforming process before acceptance testing. The purpose of this preconditioning is to ensure
that the same initial conditions are maintained when comparing different products.
Ripple Current (RC)
The maximum ripple current value depends on:
• Ambient temperature
• Surface area of the capacitor (heat dissipation area)
tan δ or ESR
• Frequency
The capacitor’s life depends on the thermal stress.
Frequency Dependence of the Ripple Current
ESR and, thus, the tan δ depend on the frequency of the applied voltage. This indicates that the allowed ripple current is also a function
of the frequency.
Temperature Dependence of the Ripple Current
The data sheet specifies maximum ripple current at the upper category temperature for each capacitor.
Expected Life Calculation
Expected life depends on operating temperature according to
the following formula: L = Lo x 2 (To-T)/10
Where:
L:
Expected life
Lo:
Load life at maximum permissible operating
temperature
T:
Actual operating temperature
To:
Maximum permissible operating temperature
This formula is applicable between 40°C and To.
I
V
R
V
F
V
V
S
Expected Life Calculation Chart
Expected life (h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com