công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP320C2811PBKQ bảng dữ liệu(PDF) 59 Page - Texas Instruments

tên linh kiện TMP320C2811PBKQ
Giải thích chi tiết về linh kiện  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKQ bảng dữ liệu(HTML) 59 Page - Texas Instruments

Back Button TMP320C2811PBKQ Datasheet HTML 55Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 56Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 57Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 58Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 59Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 60Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 61Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 62Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 147 page
background image
Peripherals
59
June 2004
SPRS257
Result Registers
EVB
S/W
ADCSOC
EVA
S/W
Sequencer 2
Sequencer 1
SOC
SOC
ADC Control Registers
70B7h
70B0h
70AFh
70A8h
Result Reg 15
Result Reg 8
Result Reg 7
Result Reg 1
Result Reg 0
Module
ADC
12-Bit
Analog
MUX
ADCINA0
ADCINA7
ADCINB0
ADCINB7
System
Control Block
High-Speed
Prescaler
HSPCLK
ADCENCLK
C28x
SYSCLKOUT
S/H
S/H
Figure 4−4. Block Diagram of the R281x ADC Module
To obtain the specified accuracy of the ADC, proper board layout is very critical. To the best extent possible,
traces leading to the ADCIN pins should not run in close proximity to the digital signal paths. This is to minimize
switching noise on the digital lines from getting coupled to the ADC inputs. Furthermore, proper isolation
techniques must be used to isolate the ADC module power pins (VDDA1/VDDA2, AVDDREFBG) from the digital
supply. Figure 4−5 shows the ADC pin connections for R281x devices.
Notes:
1. The ADC registers are accessed at the SYSCLKOUT rate. The internal timing of the ADC module is
controlled by the high-speed peripheral clock (HSPCLK).
2. The behavior of the ADC module based on the state of the ADCENCLK and HALT signals is as follows:
ADCENCLK: On reset, this signal will be low. While reset is active-low (XRS) the clock to the register will
still function. This is necessary to make sure all registers and modes go into their default reset state. The
analog module will however be in a low-power inactive state. As soon as reset goes high, then the clock to
the registers will be disabled. When the user sets the ADCENCLK signal high, then the clocks to the
registers will be enabled and the analog module will be enabled. There will be a certain time delay (ms
range) before the ADC is stable and can be used.
HALT: This signal only affects the analog module. It does not affect the registers. If low, the ADC module is
powered. If high, the ADC module goes into low-power mode. The HALT mode will stop the clock to the
CPU, which will stop the HSPCLK. Therefore the ADC register logic will be turned off indirectly.
Figure 4−5 shows the ADC pin-biasing for internal reference and Figure 4−6 shows the ADC pin-biasing for
external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com