công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

942141017 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 942141017
Giải thích chi tiết về linh kiện  Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

942141017 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  942141017 Datasheet HTML 1Page - List of Unclassifed Manufacturers 942141017 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hirschmann Automation and Control GmbH
www.beldensolutions.com
07-04-2016
Page 1 of 2
Product information
SPIDER III - SPIDER-PL-20-08T1999999TZ9HHHH
Industrial Ethernet:Unmanaged Industrial Ethernet Switches:SPIDER III-Switches:SPIDER III
https://www.e-catalog.beldensolutions.com:443/link/57078-24455-49855-437329-458868/en/SPIDER-PL-20-08T1999999TZ9HHHH/uistate
Name
SPIDER III
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
Delivery informations
Availability
available
Product description
Description
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
Port type and quantity
8x 10/100BASE-TX, TP cable, RJ45 sockets, auto-crossing, auto-negotiation, auto-polarity
Type
SPIDER-PL-20-08T1999999TZ9HHHH
Order No.
942141017
More Interfaces
Power supply/signaling contact
1 x plug-in terminal block, 6-pin
USB interface
1 x USB for configuration
Network size - length of cable
Twisted pair (TP)
0 m ... 100 m
Network size - cascadibility
Line - / star topology
any
Power requirements
Operating voltage
12/24 V DC (9.6 - 32 V DC), redundant
Current consumption at 24 V DC
Max. 100 mA
Power consumption
Max. 2.6 W, 8.8 Btu (IT) h
Ambient conditions
Operating temperature
-40 ºC ... 70 ºC
Storage/transport temperature
-40 ºC ... 85 ºC
Relative humidity (non-condensing)
0 % ... 95 %
Mechanical construction
Dimensions (W x H x D)
49 x 135 x 117 mm (w/o terminal block)
Mounting
DIN Rail
Weight
440 g
Protection class
IP40 metal housing
Mechanical stability
IEC 60068-2-27 shock
15 g, 11 ms duration, 18 shocks
IEC 60068-2-6 vibration
3.5 mm, 5–8.4 Hz, 10 cycles, 1 octave/min; 1 g, 8.4–150 Hz, 10 cycles, 1 octave/min
Configurable parameters
Configurable parameters
Global settings: power supply unit alarm, aging time, QoS 802.1p mapping, QoS DSCP mapping; Port settings: flow control, port admin state, broadcast storm
protection/threshold, multicast storm protection/threshold, QoS Trust Mode, port based priority, link alarm; TX port settings: auto-negotiation, speed, duplex
mode, auto-crossing, MDI state, energy efficient ethernet; FX port settings: duplex mode
EMC interference immunity
EN 61000-4-2 electrostatic discharge (ESD)
4 kV contact discharge, 8 kV air discharge
EN 61000-4-3 electromagnetic field
10 V/m (80-1000 MHz)
EN 61000-4-4 fast transients (burst)
2 kV power line, 4 kV data line
EN 61000-4-5 surge voltage
power line: 2 kV (line/earth), 1 kV (line/line), 1 kV data line
EN 61000-4-6 conducted immunity
10 V (150 kHz-80 MHz)
EMC emitted immunity
FCC CFR47 Part 15
FCC 47 CFR Part 15 Class A
EN 55022
EN 55022 Class A


Số phần tương tự - 942141017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
942141016 ETC2-942141016 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141019 ETC2-942141019 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
More results

Mô tả tương tự - 942141017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
942132001 ETC2-942132001 Datasheet
95Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132007 ETC2-942132007 Datasheet
97Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132008 ETC2-942132008 Datasheet
96Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132009 ETC2-942132009 Datasheet
96Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132010 ETC2-942132010 Datasheet
98Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132011 ETC2-942132011 Datasheet
97Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141022 ETC2-942141022 Datasheet
103Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141028 ETC2-942141028 Datasheet
109Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141029 ETC2-942141029 Datasheet
108Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141031 ETC2-942141031 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com