| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF-R055-90 bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-R055-90 bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() MF-R/90 Series - PTC Resettable Fuses Additional Features ■ Bulk packaging, tape and reel and Ammo-Pak available on most models Product Dimensions A B C (Pitch) D E Physical Characteristics Model Max. Max. Nom. Min. Max. Style Lead Dia. Material MF-R055/90 10.9 16.7 5.1 ± 0.7 6.3 3.6 1 0.81 Sn/Cu (0.43) (0.65) (0.201 ± 0.028) (0.248) (0.142) (0.032) MF-R055/90U 10.3 16.7 5.1 ± 0.7 6.3 3.0 1 0.81 Sn/Cu (0.4) (0.65) (0.201 ± 0.028) (0.248) (0.118) (0.032) MF-R075/90 11.9 15.5 5.1 ± 0.7 6.3 3.6 1 0.81 Sn/Cu (0.47) (0.61) (0.201 ± 0.028) (0.248) (0.142) (0.032) Packaging options: BULK: 500 pcs. per bag. TAPE & REEL: 1500 pcs. per reel. AMMO-PACK: 1000 pcs. per pack DIMENSIONS: MM (INCHES) Also available with straight leads. How to Order MF - R 055/90 U - 0 Multifuse® Product Designator Series R = Radial Leaded Component Hold Current, Ihold 055, 075 (0.55 Amps - 0.75 Amps) Max. Voltage, V Coating __ = Coated U = Uncoated Packaging Options - 0 = Bulk Packaging - 2 = Tape and Reel* - AP = Ammo-Pak* *Packaged per EIA486-B A E B D C Style 1 Typical Part Marking Represents total content. Layout may vary. R055 1220S MANUFACTURER'S TRADEMARK PART IDENTIFICATION LOT NO. (S = CHINA) DATE CODE (FIRST DIGIT = LAST DIGIT OF YEAR; NEXT THREE DIGITS = DAY OF YEAR) Typical Time to Trip at 23 ˚C Fault Current (Amps) 1 1 0.1 10 100 10 MF-R055/90 MF-R055/90U MF-R075/90 MF-R/90, REV. J, 08/15 Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. |