công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMN53D0LT bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMN53D0LT
Giải thích chi tiết về linh kiện  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN53D0LT bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMN53D0LT Datasheet HTML 1Page - Diodes Incorporated DMN53D0LT Datasheet HTML 2Page - Diodes Incorporated DMN53D0LT Datasheet HTML 3Page - Diodes Incorporated DMN53D0LT Datasheet HTML 4Page - Diodes Incorporated DMN53D0LT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMN53D0LT
Document number: DS37073 Rev. 2 - 2
1 of 5
www.diodes.com
June 2014
© Diodes Incorporated
DMN53D0LT
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
50V
1.6Ω @ VGS = 10V
350 mA
2.5Ω @ VGS = 4.5V
200 mA
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Features and Benefits
•
N-Channel MOSFET
•
Low On-Resistance
•
Very Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/ Output Leakage
•
Ultra-Small Surface Mount Package
•
ESD Protected to 2KV
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT523
•
Case Material: Molded Plastic. “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.002 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN53D0LT-7
SOT-523
3000/Tape & Reel
DMN53D0LT-13
SOT-523
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
Code
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ESD PROTECTED
SOT523
Top View
Top View
GS
D
Source
Gate
Protection
Diode
Gate
Drain
T53 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: B = 2014
M = Month ex: 9 = September
e3


Số phần tương tự - DMN53D0LT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMN53D0LT-13 DIODES-DMN53D0LT-13 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 2
DMN53D0LT-7 DIODES-DMN53D0LT-7 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 2
DMN53D0LTQ DIODES-DMN53D0LTQ Datasheet
738Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
December 2022 Rev. 3 - 2
DMN53D0LTQ-13 DIODES-DMN53D0LTQ-13 Datasheet
738Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
December 2022 Rev. 3 - 2
DMN53D0LTQ-7 DIODES-DMN53D0LTQ-7 Datasheet
738Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
December 2022 Rev. 3 - 2
More results

Mô tả tương tự - DMN53D0LT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com