| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P447SAS bảng dữ liệu(PDF) 20 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P447SAS bảng dữ liệu(HTML) 20 Page - ELAN Microelectronics Corp |
|
20 / 55 page ![]() EM78P447S OTP ROM Table 5 The Summary of the Initialized Register Values Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name C57 C56 C55 C54 C53 C52 C51 C50 Type A B A B A B A B - - - - N/A IOC5 Power-On 0 1 0 1 0 1 0 1 1 1 1 1 /RESET and WDT 0 1 0 1 0 1 0 1 1 1 1 1 Wake-Up from Pin Change 0 P 0 P 0 P 0 P P P P P Bit Name C67 C66 C65 C64 C63 C62 C61 C60 N/A IOC6 Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 Wake-Up from Pin Change P P P P P P P P Bit Name C77 C76 C75 C74 C73 C72 C71 C70 N/A IOC7 Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 Wake-Up from Pin Change P P P P P P P P Bit Name /PHEN /INT TS TE PAB PSR2 PSR1 PSR0 N/A CONT Power-On 1 0 1 1 1 1 1 1 /RESET and WDT 1 P 1 1 1 1 1 1 Wake-Up from Pin Change P P P P P P P P Bit Name - - - - - - - - 0x00 R0(IAR) Power-On U U U U U U U U /RESET and WDT P P P P P P P P Wake-Up from Pin Change P P P P P P P P Bit Name - - - - - - - - 0x01 R1(TCC) Power-On 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 Wake-Up from Pin Change P P P P P P P P Bit Name - - - - - - - - 0x02 R2(PC) Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 Wake-Up from Pin Change **0/P **0/P **0/P **0/P **0/P **0/P **0/P **0/P Bit Name GP PS1 PS0 T P Z DC C 0x03 R3(SR) Power-On 0 0 0 1 1 U U U /RESET and WDT 0 0 0 t t P P P Wake-Up from Pin Change P P P t t P P P Bit Name RSR.1 RSR.0 - - - - - - 0x04 R4(RSR) Power-On 0 0 U U U U U U /RESET and WDT 0 0 P P P P P P Wake-Up from Pin Change P P P P P P P P Bit Name P57 P56 P55 P54 P53 P52 P51 P50 0x05 R5(P5) Power-On U U U U U U U U /RESET and WDT P P P P P P P P Wake-Up from Pin Change P P P P P P P P Bit Name P67 P66 P65 P64 P63 P62 P61 P60 0x06 R6(P6) Power-On U U U U U U U U /RESET and WDT P P P P P P P P Wake-Up from Pin Change P P P P P P P P Bit Name P77 P76 P75 P74 P73 P72 P71 P70 0x07 R7(P7) Power-On U U U U U U U U /RESET and WDT P P P P P P P P Wake-Up from Pin Change P P P P P P P P Bit Name X X X X EXIF X X TCIF 0x3F R3F(ISR) Power-On U U U U 0 U U 0 /RESET and WDT U U U U 0 U U 0 This specification is subject to change without prior notice. 06.25.2003 (V1.1) 20 |