| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMN3035LWN bảng dữ liệu(PDF) 6 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DMN3035LWN bảng dữ liệu(HTML) 6 Page - Diodes Incorporated |
|
6 / 7 page ![]() DMN3035LWN Document number: DS37528 Rev. 2 - 2 6 of 7 www.diodes.com January 2015 © Diodes Incorporated DMN3035LWN Package Outline Dimensions Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. V-DFN3020-8 (Type N) Dim Min Max Typ A 0.77 0.83 0.80 A1 0 0.05 0.02 A3 - - 0.203 b 0.24 0.34 0.29 D 2.95 3.05 3.00 D2 0.84 1.04 0.94 e - - 0.65 E 1.95 2.05 2.00 E2 0.70 0.90 0.80 L 0.27 0.37 0.32 L1 0.15 0.25 0.20 K - - 0.68 Z - - 0.38 All Dimensions in mm Suggested Pad Layout Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version Dimensions Value (in mm) C 0.650 G 0.580 X 0.390 X1 1.040 X2 2.340 Y 0.520 Y1 0.900 Y2 0.300 Y3 2.300 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 t1, PULSE DURATION TIME (sec) Figure 13 Transient Thermal Resistance RθJA(t)=r(t) * RθJA RθJA=162oC/W Duty Cycle, D=t1 / t2 D=Single Pulse D=0.005 D=0.01 D=0.02 D=0.05 D=0.1 D=0.3 D=0.5 D=0.7 D=0.9 D E b A A1 A3 Seating Plane E2 e L1 L K Z(4x) (Pin #1 ID) D2 X2 Y3 C Y X G Y1 X1 Y2 |