công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMX320C2811PBKA bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện TMX320C2811PBKA
Giải thích chi tiết về linh kiện  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMX320C2811PBKA bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TMX320C2811PBKA Datasheet HTML 37Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 38Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 39Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 40Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 41Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 42Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 43Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 44Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 147 page
background image
Functional Overview
41
June 2004
SPRS257
Figure 3−6 shows how the interrupts are multiplexed using the PIE block. Eight PIE block interrupts are
grouped into one CPU interrupt. In total, 12 CPU interrupt groups, with 8 interrupts per group equals 96
possible interrupts. On R281x, 45 of these are used by peripherals as shown in Table 3−8.
INT12
MUX
INT11
INT2
INT1
CPU
(Enable)
(Flag)
INTx
INTx.8
PIEIERx(8:1)
PIEIFRx(8:1)
MUX
INTx.7
INTx.6
INTx.5
INTx.4
INTx.3
INTx.2
INTx.1
From
Peripherals or
External
Interrupts
(Enable)
(Flag)
IER(12:1)
IFR(12:1)
Global
Enable
INTM
1
0
PIEACKx
(Enable/Flag)
Figure 3−6. Multiplexing of Interrupts Using the PIE Block
Table 3−8. PIE Peripheral Interrupts†
CPU
PIE INTERRUPTS
CPU
INTERRUPTS
INTx.8
INTx.7
INTx.6
INTx.5
INTx.4
INTx.3
INTx.2
INTx.1
INT1
WAKEINT
(LPM/WD)
TINT0
(TIMER 0)
ADCINT
(ADC)
XINT2
XINT1
reserved
PDPINTB
(EV-B)
PDPINTA
(EV-A)
INT2
reserved
T1OFINT
(EV-A)
T1UFINT
(EV-A)
T1CINT
(EV-A)
T1PINT
(EV-A)
CMP3INT
(EV-A)
CMP2INT
(EV-A)
CMP1INT
(EV-A)
INT3
reserved
CAPINT3
(EV-A)
CAPINT2
(EV-A)
CAPINT1
(EV-A)
T2OFINT
(EV-A)
T2UFINT
(EV-A)
T2CINT
(EV-A)
T2PINT
(EV-A)
INT4
reserved
T3OFINT
(EV-B)
T3UFINT
(EV-B)
T3CINT
(EV-B)
T3PINT
(EV-B)
CMP6INT
(EV-B)
CMP5INT
(EV-B)
CMP4INT
(EV-B)
INT5
reserved
CAPINT6
(EV-B)
CAPINT5
(EV-B)
CAPINT4
(EV-B)
T4OFINT
(EV-B)
T4UFINT
(EV-B)
T4CINT
(EV-B)
T4PINT
(EV-B)
INT6
reserved
reserved
MXINT
(McBSP)
MRINT
(McBSP)
reserved
reserved
SPITXINTA
(SPI)
SPIRXINTA
(SPI)
INT7
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
INT8
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
INT9
reserved
reserved
ECAN1INT
(CAN)
ECAN0INT
(CAN)
SCITXINTB
(SCI-B)
SCIRXINTB
(SCI-B)
SCITXINTA
(SCI-A)
SCIRXINTA
(SCI-A)
INT10
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
INT11
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
INT12
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
† Out of the 96 possible interrupts, 45 interrupts are currently used. the remaining interrupts are reserved for future devices. However, these
interrupts can be used as software interrupts if they are enabled at the PIEIFRx level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More