| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7692BC bảng dữ liệu(PDF) 10 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC7692BC bảng dữ liệu(HTML) 10 Page - IXYS Corporation |
|
10 / 18 page ![]() INTEGRATED CIRCUITS DIVISION CPC7692 10 www.ixysic.com R01 1.10 Truth Tables 1.10.1 CPC7692BA and CPC7692BB Truth Table 1.10.2 CPC7692BC Truth Table State INRINGING INTEST LATCH TSD Break Switches Ringing Switches Test Switches Talk 0 0 0 Z 1 On Off Off Test 0 1 Off Off On Ringing 1 0 Off On Off All-Off 1 1 Off Off Off Latched X X 1 Unchanged All-Off X X X 0 Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. State INRINGING INTEST LATCH TSD Break Switches Ringing Switches Test Switches Talk 0 0 0 Z 1 On Off Off Test/Monitor 0 1 On Off On Ringing 1 0 Off On Off Ringing Test 1 1 Off On On Latched X X 1 Unchanged All-Off X X X 0 Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. |