| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COP8SAC7SLB9 bảng dữ liệu(PDF) 28 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8SAC7SLB9 bảng dữ liệu(HTML) 28 Page - National Semiconductor (TI) |
|
28 / 60 page ![]() 9.0 Interrupts (Continued) 9.2 MASKABLE INTERRUPTS All interrupts other than the Software Trap are maskable. Each maskable interrupt has an associated enable bit and pending flag bit. The pending bit is set to 1 when the interrupt condition occurs. The state of the interrupt enable bit, com- bined with the GIE bit determines whether an active pending flag actually triggers an interrupt. All of the maskable inter- rupt pending and enable bits are contained in mapped con- trol registers, and thus can be controlled by the software. A maskable interrupt condition triggers an interrupt under the following conditions: 1. The enable bit associated with that interrupt is set. 2. The GIE bit is set. 3. The device is not processing a non-maskable interrupt. (If a non-maskable interrupt is being serviced, a maskable interrupt must wait until that service routine is completed.) An interrupt is triggered only when all of these conditions are met at the beginning of an instruction. If different maskable interrupts meet these conditions simultaneously, the highest priority interrupt will be serviced first, and the other pending interrupts must wait. Upon Reset, all pending bits, individual enable bits, and the GIE bit are reset to zero. Thus, a maskable interrupt condi- tion cannot trigger an interrupt until the program enables it by setting both the GIE bit and the individual enable bit. When enabling an interrupt, the user should consider whether or not a previously activated (set) pending bit should be ac- knowledged. If, at the time an interrupt is enabled, any pre- vious occurrences of the interrupt should be ignored, the as- sociated pending bit must be reset to zero prior to enabling the interrupt. Otherwise, the interrupt may be simply en- abled; if the pending bit is already set, it will immediately trig- ger an interrupt. A maskable interrupt is active if its associ- ated enable and pending bits are set. An interrupt is an asychronous event which may occur be- fore, during, or after an instruction cycle. Any interrupt which occurs during the execution of an instruction is not acknowl- edged until the start of the next normally executed instruction is to be skipped, the skip is performed before the pending in- terrupt is acknowledged. At the start of interrupt acknowledgment, the following ac- tions occur: 1. The GIE bit is automatically reset to zero, preventing any subsequent maskable interrupt from interrupting the cur- rent service routine. This feature prevents one maskable interrupt from interrupting another one being serviced. 2. The address of the instruction about to be executed is pushed onto the stack. 3. The program counter (PC) is loaded with 00FF Hex, causing a jump to that program memory location. The device requires seven instruction cycles to perform the actions listed above. If the user wishes to allow nested interrupts, the interrupts service routine may set the GIE bit to 1 by writing to the PSW register, and thus allow other maskable interrupts to interrupt the current service routine. If nested interrupts are allowed, caution must be exercised. The user must write the program in such a way as to prevent stack overflow, loss of saved context information, and other unwanted conditions. The interrupt service routine stored at location 00FF Hex should use the VIS instruction to determine the cause of the interrupt, and jump to the interrupt handling routine corre- sponding to the highest priority enabled and active interrupt. Alternately, the user may choose to poll all interrupt pending and enable bits to determine the source(s) of the interrupt. If more than one interrupt is active, the user’s program must decide which interrupt to service. Within a specific interrupt service routine, the associated pending bit should be cleared. This is typically done as early as possible in the service routine in order to avoid missing the next occurrence of the same type of interrupt event. Thus, if the same event occurs a second time, even while the first occurrence is still being serviced, the second occur- rence will be serviced immediately upon return from the cur- rent interrupt routine. An interrupt service routine typically ends with an RETI in- struction. This instruction sets the GIE bit back to 1, pops the address stored on the stack, and restores that address to the program counter. Program execution then proceeds with the next instruction that would have been executed had there been no interrupt. If there are any valid interrupts pending, the highest-priority interrupt is serviced immediately upon re- turn from the previous interrupt. 9.3 VIS INSTRUCTION The general interrupt service routine, which starts at address 00FF Hex, must be capable of handling all types of inter- rupts. The VIS instruction, together with an interrupt vector table, directs the device to the specific interrupt handling rou- tine based on the cause of the interrupt. VIS is a single-byte instruction, typically used at the very be- ginning of the general interrupt service routine at address 00FF Hex, or shortly after that point, just after the code used for context switching. The VIS instruction determines which enabled and pending interrupt has the highest priority, and causes an indirect jump to the address corresponding to that interrupt source. The jump addresses (vectors) for all pos- sible interrupts sources are stored in a vector table. The vector table may be as long as 32 bytes (maximum of 16 vectors) and resides at the top of the 256-byte block contain- ing the VIS instruction. However, if the VIS instruction is at the very top of a 256-byte block (such as at 00FF Hex), the vector table resides at the top of the next 256-byte block. Thus, if the VIS instruction is located somewhere between 00FF and 01DF Hex (the usual case), the vector table is lo- cated between addresses 01E0 and 01FF Hex. If the VIS in- struction is located between 01FF and 02DF Hex, then the vector table is located between addresses 02E0 and 02FF Hex, and so on. Each vector is 15 bits long and points to the beginning of a specific interrupt service routine somewhere in the 32 kbyte memory space. Each vector occupies two bytes of the vector table, with the higher-order byte at the lower address. The vectors are arranged in order of interrupt priority. The vector of the maskable interrupt with the lowest rank is located to 0yE0 (higher-order byte) and 0yE1 (lower-order byte). The next priority interrupt is located at 0yE2 and 0yE3, and so forth in increasing rank. The Software Trap has the highest rank and its vector is always located at 0yFE and 0yFF. The number of interrupts which can become active defines the size of the table. Table 5 shows the types of interrupts, the interrupt arbitration ranking, and the locations of the corresponding vectors in the vector table. The vector table should be filled by the user with the memory locations of the specific interrupt service routines. For ex- www.national.com 28 |