| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COP8SAC7 bảng dữ liệu(PDF) 50 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8SAC7 bảng dữ liệu(HTML) 50 Page - National Semiconductor (TI) |
|
50 / 60 page ![]() 15.0 Development Tools Support (Continued) MetaLink COP8-EPU EPU-COP8SA VL 1 = 110V, 2 = 220V; included p/s, 40 pin DIP target cable, manuals, software, 16/20/28/40 DIP OTP programming socket; add DM target adapter or OTP adapter (if needed) COP8-DM DM4-COP8-SAx (10 MHz), plus PS-10, plus DM-COP8/xxx (ie. 28D) M Included p/s (PS-10), target cable of choice (DIP or PLCC; i.e. DM-COP8/28D), 16/20/28/40 DIP/SO and 44 PLCC programming sockets. Add OTP adapter (if needed) and target adapter (if needed) DM Target Adapters MHW-CNVxx (xx = 33, 34 etc.) L DM target converters for 16DIP/20SO/28SO/44QFP/28CSP; (i.e. MHW-CNV38 for 20 pin DIP to SO package converter) OTP Programming Adapters MHW-COP8-PGMA-DS L For programming 16/20/28 SOIC and 44 PLCC on the EPU MHW-COP8-PGMA-44QFP L For programming 44 QFP on any programmer MHW-COP8-PGMA-28CSP L For programming 28 CSP on any programmer IM-COP8 IM-COP8-AD-464 (-220) (10 MHz maximum) H Base unit 10 MHz; -220 = 220V; add probe card (required) and target adapter (if needed); included software and manuals IM Probe Card PC-COP8SA28DW-AD-10 M 10 MHz 28 DIP probe card; 2.5V to 6.0V PC-COP8SA40DW-AD-10 M 10 MHz 40 DIP probe card; 2.5V to 6.0V IM Probe Target Adapters MHW-SOICxx (xx = 16, 20, 28) L 16 or 20 or 28 pin SOIC adapter for probe card MHW-CSPxx (xx = 20, 28) M 20 or 28 pin CSP adapter for probe card MHW-CONV33 L 44 pin QFP adapter for 44 PLCC probe card ICU COP8-EVAL-ICUxx Not available for this device KKD WCOP8-IDE WCOP8-IDE VL Included in EPU and DM IAR EWCOP8-xx See summary above L - H Included all software and manuals Byte Craft COP8C COP8C M Included all software and manuals Aisys DriveWay COP8 DriveWay COP8 L Included all software and manuals OTP Programmers Contact vendors L - H For approved programmer listings and vendor information go to our OTP Support page at: www.national.com/cop8 Cost: Free; VL =< $100; L = $100 - $300; M = $300 - $1k; H = $1k - $3k; VH = $3k - $5k www.national.com 50 |