| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NHS030B bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
NHS030B bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 41 page ![]() µ PD166037T1J Datasheet 3. Specification R07DS1114EJ0200 Rev.2.00 Page 19 of 39 May 22, 2015 An over load condition which is include a short circuit condition during on-state (a) Von > Von(CL) with weak short condition IN -> High Tch > Tth Shutdown IL(lim)=IL(TT) Yes Von < Von(CL1) Thermal No dTch > dTth Shutdown Yes No Shutting down Yes Thermal Return B Von < Von(CL2) Yes No No Current limitation Turn-on Thermal IL > IL(lim) No Yes Thermal IL > IL(SC) Yes Shutdown by latch IN = Low A Over current No Over current A B Over current No Yes Return Turn-on No IL > IL(NL) No Von=Von(NL) Yes Input Input IN = Low Yes No C Return C IN = Low No Yes Turn-off Thermal C C Input Input Input Yes IL(lim)=IL(CL) IL(lim)=IL(TT) IL(lim)=IL(CL) Yes No Before Von(CL) detection after turn on During shutdowning by dTth detection During current limitation control Exit from power limitation control After Von(CL) detection |