| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NHS012B bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
NHS012B bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 41 page ![]() µ PD166032T1U Datasheet 3. Specification R07DS1166EJ0200 Rev.2.00 Page 21 of 39 May 22, 2015 An over load condition including short circuit condition during on-state (b) deltaTch > dTth IN -> High Tch > Tth Shutdown IL(lim)=IL(TT) Yes Thermal No dTch > dTth Shutdown IL(lim)=IL(CL) Yes No Shutting down? Yes Thermal Return B Yes No No Current limitation Turn-on Thermal IL > IL(lim) No Yes Thermal IL > IL(SC) Yes Shutdown by latch IN = Low A Over current No Over current B Yes No A B Over current No Yes Return Turn-on No IL > IL(NL) No Von=Von(NL) Yes Input Input IN = Low Yes No C Return C IN = Low No Yes Turn-off Thermal C C Input Input Input Yes Before dTth detection after turn on During shutdowning by dTth d t ti Exit from thermal protection control Von < Von(CL1) Von < Von(CL2) td(CL) unexpired |