công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM809JS bảng dữ liệu(PDF) 2 Page - Union Semiconductor, Inc.

tên linh kiện UM809JS
Giải thích chi tiết về linh kiện  3-Pin Microprocessor Reset Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNIONSEMI [Union Semiconductor, Inc.]
Trang chủ  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809JS bảng dữ liệu(HTML) 2 Page - Union Semiconductor, Inc.

  UM809JS Datasheet HTML 1Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 2Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 3Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 4Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 5Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 6Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 7Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 8Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Apr.2015
2/14
UM809/810
Ordering Information
UM8 XX ZZ P
XX: Output Type
=09 Push-Pull Active Low
=10 Push-Pull Active High
ZZ: Reset Threshold (V)
P: Package Type
=S SOT23-3
=P SOT323
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to +10
V
RESET, RESET
______________
(Push-Pull)
-0.3 to VCC +0.3
V
ICC
Input Current, VCC
20
mA
IO
Output Current, RESET, RESET
______________
20
mA
Rate of Rise, VCC
100
V/μs
PD
Continuous Power Dissipation
SOT323
174
mW
SOT23-3
320
TJ
Operating Junction Temperature
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10s)
300
°C
Note 1: Stresses beyond those listed under ―Absolute maximum Ratings‖ may cause permanent
damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications are
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com