| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF50603 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF50603 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 28 page ![]() 2003 Oct 31 8 Philips Semiconductors Preliminary specification Controller for power supply and battery management PCF50603 Note 1. One ESD diode reverse biased to VSS except pin VCHG who has one clamp in series with a 500 Ω resistor connected between pad and VSS. CHGDRV 33 n.a. drive of external charger circuitry (configuration CCCV) CHGCUR/ BATMAX 34 n.a. configuration CCCV: charger current feedback configuration BATMAX: open-drain output of BATMAX comparator CPVDD 35 n.a. charge pump output voltage CPVBAT 36 n.a. charge pump input voltage SCP 37 n.a. switching capacitor positive side SCN 38 n.a. switching capacitor negative side D3VDD 39 n.a. D3REG output voltage SIMD3VBAT 40 n.a. SIMREG and D3REG input voltage SIMVCC 41 n.a. SIMREG output voltage SIMIOCD 42 SIMVCC SIM I/O data to/from the SIM card; internal pull-up resistor to SIMVCC SIMCKCD 43 SIMVCC SIM clock output to the SIM card SIMRSCD_N 44 SIMVCC SIM reset output to the SIM card (active LOW) SIMEN 45 IOVDD enable SIMI and SIMREG GPO3 46 n.a. general purpose open-drain output 3 GPO2 47 n.a. general purpose open-drain output 2 GPO1 48 n.a. general purpose open-drain output 1 SYMBOL PIN SUPPLY DESCRIPTION(1) |